PART |
Description |
Maker |
1N5953B 1N5918BG 1N5937 1N5937B 1N5929 1N5929B 1N5 |
Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Zener Voltage Regulator Diode 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 39 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL IC CRIMZON Z8 MCU OTP 64K 20SSOP ZenerVoltageRegulatorDiode
5V to ±10V Voltage Converters Voltage Detectors SILICON 1.5 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LD2985AM47R LD2985BM50R LD2985AM33R LD2985BM33R LD |
ERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION
|
ST Microelectronics
|
C5V6 BZX84 C8V2 C2V7 C3V0 C3V3 C3V6 C3V9 C4V3 C4V7 |
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES SOT23封装硅平面稳压二极管
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
FMMT6520TA FMMT652011 FMMT6520-15 |
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
|
Diodes Incorporated
|
MAX918 MAX920ESA MAX919ESA MAX919EUK-T MAX917 MAX9 |
SOT23 1.8V Nanopower Beyond-the-Rails Comparators With/Without Reference "SOT23, 1.8V, 380nA Comparator with Push-Pull Output" " SOT23, 1.8V, 750nA Comparator with Internal 1.245V 1.5% Voltage Reference and Open-Drain Output" SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference SOT23 / 1.8V / Nanopower / Beyond-the-Rails Comparators With/Without Reference
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZXRE125 ZXRE125FR ZXRE125CF ZXRE125DF ZXRE125DN8 Z |
Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:21; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No
|
Analog Devices, Inc. Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BC849A BC857 BC848 BC860 BC859 BC847 BC850 BC856 B |
SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS SOT23 NPN SILICON PLANAR 采用SOT23 NPN硅平 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125
|
http:// Unknow ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC Diodes
|
HA17432VUP HA17432VLTP HA17432UA |
Shunt Regulato
|
http://
|
LR8558-32PRM LR8558-32PRN LR8558-32PSB LR8558-32PS |
Low noise, fast response 500mA LDO regulato
|
Leshan Radio Company
|
4AE11 |
Silicon NPN/PNP Triple Diffused(三倍扩散NPN/PNP晶体 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
|
Hitachi,Ltd. Renesas Technology / Hitachi Semiconductor
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|